PART |
Description |
Maker |
CMV3 CMVM CMV CMV3C CMV3CM CMV3M CMVC CMVCM |
5x7 mm, 5.0 or 3.3 Volt, CMOS, VCXO
|
MTRONPTI[MTRONPTI]
|
UVC83RPN UVC83RQN UVC83ZLN UVC83RHN UVC83RLN UVC83 |
5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
|
http://
|
M225026FAN M225026FCN M225026FN M225026QAN M225026 |
5x7 mm, 2.5 Volt, HCMOS/TTL, Clock Oscillator
|
MTRONPTI
|
M218023FAN M218013FAN M218023FCN M218023QAN M21802 |
5x7 mm, 1.8 Volt, HCMOS/TTL, Clock Oscillator
|
MTRONPTI[MTRONPTI]
|
M3131 M31X41 M3130 M31X31 M31X42 M31X40 M3132 |
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
|
MTRONPTI
|
M210224BPN M210024BPN M210223BLN M210223BPN M21022 |
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
|
MTRONPTI[MTRONPTI]
|
M200186TCN |
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
|
MTRONPTI
|
M31002BMPN |
5x7 mm, 3.3/2.5/1.8 Volt, PECL/LVDS/CML, VCXO
|
MTRONPTI
|
X28HC256P-12 X28HC256P-15 X28HC256J-90 X28HC256S-1 |
5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 150 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 120 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CQCC32 SWITCH SLIDE 2MM HORIZONTAL SMD 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDIP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDSO28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PDIP28 RACK DESK SOLID BLACK 1.75X19X8,1 32K X 8 EEPROM 5V, 70 ns, CPGA28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CPGA28 Continuity Tester RoHS Compliant: NA 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, PQCC32 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 90 ns, CDFP28 5 Volt, Byte Alterable EEPROM 32K X 8 EEPROM 5V, 70 ns, CQCC32 Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 1000uF; Voltage: 50V; Case Size: 12.5x25 mm; Packaging: Bulk
|
Intersil, Corp. Intersil Corporation
|
UVVJ10B8LN UVVJ20B8LN UVVJ60B8LN UVVJ80B8LN UVVJ80 |
VCXO, CLOCK, 0.75 MHz, LVDS OUTPUT ROHS COMPLIANT, CERAMIC, LEADLESS PACKAGE-6 5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
|
MTRONPTI
|
MM63FAN MM15FAN MM68FAN MM28FAN MM64FAN MM64FCN MM |
5x7 mm, 5 Volt, HCMOS/TTL, Surface Mount Oscillator CRYSTAL OSCILLATOR, CLOCK, 67 MHz, HCMOS OUTPUT
|
MTRONPTI[MTRONPTI]
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
|